PART |
Description |
Maker |
19003-0048 19003-0057 19003-0053 19003-0056 19003- |
.250 X.032 FML FIQD EXP CONT.(BB-2206XC) 2 mm2, PUSH-ON TERMINAL .187X.032 FEMALE AQUA FIQD CONT BB-2208C 2 mm2, PUSH-ON TERMINAL .187X.020 FEMALE FIQD EXPANDED (BB-2207X 2 mm2, PUSH-ON TERMINAL .187 X .032 FEMALE FIQD (BB-2208) 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(BB-2206XT) 2 mm2, PUSH-ON TERMINAL 190030058 2 mm2, PUSH-ON TERMINAL .205 X .020 BLUE FIQD CONT BB-2215C 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(AA-2201XT) 0.8 mm2, PUSH-ON TERMINAL 190030060 2 mm2, PUSH-ON TERMINAL .187 X .020 FEMALE FIQD CONT. (AA-2202C) 0.8 mm2, PUSH-ON TERMINAL .250 X .032 FEMALE FIQD CON 2 mm2, PUSH-ON TERMINAL
|
Molex, Inc. TE Connectivity, Ltd. MOLEX INC
|
IRFE230 2N6798U |
N-Channel Power MOSFET(Vdss:200V,Id(cont):4.8A,Rds(on):0.46Ω)(N沟道功率MOS场效应管(Vdss:200V,Id(cont):4.8A,Rds(on):0.46Ω)) N沟道功率MOSFET(减振钢板基本:200伏,身份证(续).8A时,RDS(上):0.46Ω)(不适用马鞍山沟道功率场效应管(减振钢板基本00伏,身份证(续).8A时,RDS(对):0.46Ω)) N-Channel N沟道
|
NXP Semiconductors N.V. TT electronics Semelab Limited Seme LAB
|
SML80H14 |
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS 13.5 A, 800 V, 0.58 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-258AA N-Channel Enhancement Mode High Voltage Power MOSFET(Vdss:800V,Id(cont):13.5A,Rds(on):0.58Ω)(N沟道增强高电压功率MOS场效应管(Vdss:800V,Id(cont):13.5A,Rds(on):0.58Ω))
|
TT electronics Semelab, Ltd. SEME-LAB[Seme LAB]
|
0528932095 |
0.5 FPC CONN ASSY ZIF SMT RA(BTM CONT) E/O -LEAD FREE-
|
Molex Electronics Ltd.
|
APT50M60JVR |
Volts:500V RDS(ON)0.06Ohms ID(cont):63Amps|MOSFETs 电压00V电压的RDS(ON.06Ohms身份证(续)63安培| MOSFET
|
Yageo, Corp.
|
AT45DB1282NBSP AT45DB1282 |
128M bit, 2.7-Volt Only Dual-Interface Flash. This document is only available under NDA. Please cont From old datasheet system
|
Atmel Corp
|
APT50M50JLL |
Volts:500V RDS(ON):0.05Ohms ID(cont:)79Amps|MOSFETs 电压00V电压的RDS(ON):0.05Ohms编号(续:)七九安培| MOSFET
|
Microsemi, Corp.
|
ICE3AR0680VJZ |
Of f -Line SMPS Cur rent Mode Cont rol ler wi th integrated 800V
|
Infineon Technologies A...
|
2-212565-3 |
Subminiature D Pin/Socket Connectors for MIL-C-24308 and MIL-C-39029; AMPLI,PIN CONT,SZ 20,AU PLTD ( AMP )
|
Tyco Electronics
|
APC08Y08-J APC08G08-J APC08F08-J APC08K08-J APC08M |
PWR CORD,3C,Y,TWIN END,4', 18AWG, HEADER,RT/ANGLE,MALE,2RW,80PIN .1"CTR,.025"PST,.23"GOLD TAIL HEADER,RT MALE,2RW,50 CONT, .1"CTR,.025"PST,.23"GOLD TAIL CONN,HEADER,STRAIGHT,20 PIN HEADER,VERTICAL,REC,2RW,30cont HEADER,ST MALE,2RW,10PIN, .1"CTR,.025"PST,.23"GOLD (10) HEADER,.1"ST MALE,2RW,14PIN, .025" PST,.23" GOLDTAIL HEADER,RT MALE,2RW,26 CONT, .1"CTR,.025"PST,.23"GOLD TAIL HEADER,RT MALE,2RW,72PIN, .1"CTR,.025"PST,.23"GOLD TAIL CONNECTOR,HEADER,STRAIGHT, 50PIN HEADER,LP SHROUD,20PIN,STRGHT. HEADER,ST MALE,2RW,80 PIN, .1"CTR,.025"PST,.23"GOLD TAIL HEADER,LP SHROUD,10PIN,STRGHT. CONN,HEADER,26 PIN,W/LATCHES, .100",MALE,STRAIGHT,DUAL ROW HEADER,ST MALE,2RW,50PIN, .1"CTR,.025"PST,.23"GOLD TAIL HEADER,VERTICAL,REC,1RW,8cont CONNECTOR,HEADER,STRAIGHT, 10PIN PWR CORD,3C,9'10",BLACK,910PLG UNSHIELDED,18AWG,SJT,PIGTAIL HEADER,RT MALE,2RW,20 CONT, .1"CTR,.025"PST,.23"GOLD TAIL HEADER,ST MALE,2RW,6PIN, .1"CTR,.025 PST,.23"GLDTL (10) 非隔离DC / DC电源模块 HEADER,.1"ST MALE,2RW,14PIN, .025" PST,.23" GOLDTAIL 非隔离DC / DC电源模块 HEADER,ST MALE,2RW,60PIN, .1"CTR,.025"PST,.23"GOLD TAIL 非隔离DC / DC电源模块 HEADER,.1"ST MALE,2RW,8PIN, .025"PST,.23"GOLDTAIL (10) 非隔离DC / DC电源模块
|
Astec America, Inc Alliance Semiconductor, Corp. JST Mfg. Co., Ltd.
|
|